Part Number Hot Search : 
HCF40103 VN0300B MK105 13007 J100524 T1710RO 74AUP1G BCAE78
Product Description
Full Text Search
 

To Download KBPC35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
KBPC MB 35005 3505 THRU KBPC MB 3510 3510
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes
FEATURES
* Metal case for Maximum Heat Dissipation * Surge overload ratings-400 Amperes * Low forward voltage drop
MB-25
TYP
MECHANICAL DATA
* Case: Metal, electrically isolated * Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: As marked * Mounting position: Any * Weight: 30 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
KBPC 35005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 17.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Case per leg.
2
KBPC 3501 MB351 100 70 100
KBPC 3502 MB352 200 140 200
KBPC 3504 MB354 400 280 400 35 400 1.1 10 500
KBPC 3506 MB356 600 420 600
KBPC 3508 MB358 800 560 800
KBPC 3510 MB3510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
SYMBOL VRRM VRMS VDC IO IFSM VF IR It CJ RJ C TJ,TSTG
2
MB3505 50 35 50
@TA = 25 oC @T A = 100 oC
664 300 2.2 -55 to + 150
C/W C
0
268
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES
(
KBPC35005 MB3505
THRU
KBPC3510 MB3510
)
DC COMPONENTS CO., LTD.
R
269
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of KBPC35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X